Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 49 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 45Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 46Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 47Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 48Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 49Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 50Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 51Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 52Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 97 page
background image
Rev. B - November 10, 2000
49
Preliminary
T80C5112
13. Programmable Counter Array PCA
The PCA provides more timing capabilities with less CPU intervention than the standard timer/counters. Its
advantages include reduced software overhead and improved accuracy. The PCA consists of a dedicated timer/
counter which serves as the time base for an array of five compare/ capture modules. Its clock input can be
programmed to count any one of the following signals:
·
Oscillator frequency
¸ 12 (¸ 6 in X2 mode)
·
Oscillator frequency
¸ 4(¸ 2 in X2 mode)
·
Timer 0 overflow
·
External input on ECI (P1.2)
Each compare/capture modules can be programmed in any one of the following modes:
·
rising and/or falling edge capture,
·
software timer,
·
high-speed output, or
·
pulse width modulator.
Module 4 can also be programmed as a watchdog timer (See Section "PCA Watchdog Timer", page 58).
When the compare/capture modules are programmed in the capture mode, software timer, or high speed output
mode, an interrupt can be generated when the module executes its function. All five modules plus the PCA timer
overflow share one interrupt vector.
The PCA timer/counter and compare/capture modules share Port 1 for external I/O. These pins are listed below.
If the port is not used for the PCA, it can still be used for standard I/O.
The PCA timer is a common time base for all five modules (See Figure 22). The timer count source is determined
from the CPS1 and CPS0 bits in the CMOD SFR (See Table 26) and can be programmed to run at:
· 1/12 the oscillator frequency. (Or 1/6 in X2 Mode)
· 1/4 the oscillator frequency. (Or 1/2 in X2 Mode)
· The Timer 0 overflow.
· The input on the ECI pin (P1.2).
PCA component
External I/O Pin
16-bit Counter
P1.2 / ECI
16-bit Module 0
P1.3 / CEX0
16-bit Module 1
P1.4 / CEX1
16-bit Module 2
P1.5 / CEX2
16-bit Module 3
P1.6 / CEX3
16-bit Module 4
P1.7 / CEX4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com