Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 95 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 95 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 89Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 90Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 91Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 92Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 93Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 94Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 95Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 96Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 97Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 95 / 97 page
background image
Rev. B - November 10, 2000
95
Preliminary
T80C5112
18.6.16. Clock Waveforms
Valid in normal clock mode. In X2 mode XTAL2 signal must be changed to XTAL2 divided by two.
Figure 48. Clock Waveforms
This diagram indicates when signals are clocked internally. The time it takes the signals to propagate to the pins,
however, ranges from 25 to 125 ns. This propagation delay is dependent on variables such as temperature and pin
loading. Propagation also varies from output to output and component. Typically though (TA=25°C fully loaded)
RD and WR propagation delays are approximately 50ns. The other signals are typically 85 ns. Propagation delays
are incorporated in the AC specifications.
CLOCK
XTAL2
ALE
INTERNAL
STATE4
STATE5
STATE6
STATE1
STATE2
STATE3
STATE4
STATE5
EXTERNAL PROGRAM MEMORY FETCH
READ CYCLE
WRITE CYCLE
SERIAL PORT SHIFT CLOCK
PORT OPERATION
PSEN
P0
P2 (EXT)
RD
P0
P2
P0
P2
WR
TXD (MODE 0)
RXD SAMPLED
RXD SAMPLED
P0 PINS SAMPLED
P1, P2, P3 PINS SAMPLED
P1, P2, P3 PINS SAMPLED
P0 PINS SAMPLED
MOV DEST PORT (P1, P2, P3)
(INCLUDES INT0, INT1, TO, T1)
MOV DEST P0
OLD DATA
NEW DATA
DPL OR Rt OUT
DATA OUT
PCL OUT (EVEN IF PROGRAM
MEMORY IS INTERNAL)
PCL OUT (IF PROGRAM
MEMORY IS EXTERNAL)
INDICATES DPH OR P2 SFR TO PCH TRANSITION
DPL OR Rt OUT
FLOAT
PCL OUT (IF PROGRAM
MEMORY IS EXTERNAL)
INDICATES DPH OR P2 SFR TO PCH TRANSITION
INDICATES ADDRESS TRANSITIONS
FLOAT
FLOAT
FLOAT
PCL OUT
PCL OUT
PCL OUT
DATA
SAMPLED
DATA
SAMPLED
DATA
SAMPLED
THESE SIGNALS ARE NOT ACTIVATED DURING THE
EXECUTION OF A MOVX INSTRUCTION
P1
P2
P1
P2
P1
P2
P1
P2
P1
P2
P1
P2
P1
P2
P1
P2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com