Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 12 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 12 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 8Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 9Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 10Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 11Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 12Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 13Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 14Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 15Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 16Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 97 page
background image
12
Rev. B - November 10, 2000
Preliminary
T80C5112
Initial value after erasing : 1111 111X
6.6.2. Clock control register
The clock control register is used to define the clock system behavior
OSCCON - Clock Control Register (86h)
Reset Value = 0XXX X0 "RST_OSC" "RST_OSC" b
Not bit addressable
4
RST_OSC
Selected oscillator at reset
This bit is used to deÞne the value of some bits controlling the oscillator activity at reset:
1: The crystal oscillator is sectected and active
0: The RC oscillator is selected; it is also active if the WDRC is inactive.
3
XT_SP
Crystal oscillator speed
This bit is used to deÞne the performance of the crystal oscillator.
1: High speed, up to 33 MHz
0: Low speed, low power, optimised for 32 kHz.
2
EXT_RST
External Reset
This bit deÞnes the behavior of the P3.6/RST pin
1: P3.6/RST is the reset pin
0: P3.6/RST is an input pin
1
OSCC_OFF
Control for watchdog RC oscillator
This bit is used to switch the watchdog RC oscillator and the watchdog source
1: WDRC oscillator is off; the watchdog is clocked by the main oscillator.
0: WDRC oscillator is on and clock the watchdog
0
-
Reserved
The value read from this bit is indeterminate. Do not reset this bit.
7
6
5
4
3
2
1
0
-
-
-
-
-
SCLKT0
OSCBEN
OSCAEN
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
SCLKT0
Sub Clock Timer0
Cleared by software to select T0 pin
Set by software to select T0 Sub Clock
1
OSCBEN
Enable RC oscillator
This bit is used to enable the high speed RC oscillator
0: The oscillator is disabled
1: The oscillator is enabled.
0
OSCAEN
Enable crystal oscillator
This bit is used to enable the crystal oscillator
0: The oscillator is disabled
1: The oscillator is enabled.
Bit
Number
Bit
Mnemonic
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com