Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 38 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 38 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 34Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 35Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 36Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 37Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 38Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 39Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 40Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 41Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 42Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 97 page
background image
38
Rev. B - November 10, 2000
Preliminary
T80C5112
Table 19. PCON Register
PCON - Power Control Register (87h)
Reset Value = 0001 0000b
Not bit addressable
Power-off flag reset value will be 1 only after a power on (cold reset). A warm reset doesnÕt affect the value of this bit.
7
6
5
4
3
2
1
0
SMOD1
SMOD0
RSTD
POF
GF1
GF0
PD
IDL
Bit Number
Bit
Mnemonic
Description
7
SMOD1
Serial port Mode bit 1 for UART
Set to select double baud rate in mode 1, 2 or 3.
6
SMOD0
Serial port Mode bit 0 for UART
Clear to select SM0 bit in SCON register.
Set to to select FE bit in SCON register.
5
RSTD
Reset Detector Disable Bit
Clear to disable PFD.
Set to enable PFD.
4
POF
Power-Off Flag
Clear to recognize next reset type.
Set by hardware when VCC rises from 0 to its nominal voltage. Can also be set by software.
3
GF1
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
2
GF0
General purpose Flag
Cleared by user for general purpose usage.
Set by user for general purpose usage.
1
PD
Power-Down mode bit
Cleared by hardware when reset occurs.
Set to enter power-down mode.
0
IDL
Idle mode bit
Clear by hardware when interrupt or reset occurs.
Set to enter idle mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com