Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 46 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 46 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 42Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 43Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 44Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 45Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 46Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 47Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 48Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 49Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 50Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
46
Rev. B - November 10, 2000
Preliminary
T80C5112
Figure 21. SPI Interrupt Requests Generation
12.4.5. Registers
There are three registers in the module that provide control, status and data storage functions. These registers are
describes in the following paragraphs.
12.4.5.1. Serial Peripheral CONtrol register (SPCON)
The Serial Peripheral Control Register does the following:
·
Selects one of the Master clock rates,
·
Configure the SPI module as Master or Slave,
·
Selects serial clock polarity and phase,
·
Enables the SPI module,
·
Frees the SS pin for a general purpose
Table 23 describes this register and explains the use of each bit:
Table 23. Serial Peripheral Control Register
7
6
5
4
3
2
1
0
SPR2
SPEN
SSDIS
MSTR
CPOL
CPHA
SPR1
SPR0
Bit
Number
Bit Mnemonic
R/W
Mode
Description
7
SPR2
RW
Serial Peripheral Rate 2
Bit with SPR1 and SPR0 define the clock rate
6
SPEN
RW
Serial Peripheral Enable
Clear to disable the SPI interface
Set to enable the SPI interface
5
SSDIS
RW
SS Disable
Clear to enable SS# in both Master and Slave modes
Set to disable SS# in both Master and Slave modes. In Slave mode, this bit has no effect if
CPHA = Õ0Õ
4
MSTR
RW
Serial Peripheral Master
Clear to configure the SPI as a Slave
Set to configure the SPI as a Master
3
CPOL
RW
Clock Polarity
Clear to have the SCK set to Õ0Õ in idle state
Set to have the SCK set to Õ1Õ in idle low
2
CPHA
RW
Clock Phase
Clear to have the data sampled when the SPSCK leaves the idle state (see CPOL)
Set to have the data sampled when the SPSCK returns to idle state (see CPOL)
SSDIS
MODF
CPU Interrupt Request
SPI Receiver/error
CPU Interrupt Request
SPI Transmitter
SPI
CPU Interrupt Request
SPIF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com