Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 91 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 91 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 87Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 88Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 89Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 90Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 91Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 92Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 93Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 94Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 95Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 97 page
background image
Rev. B - November 10, 2000
91
Preliminary
T80C5112
Table 63. AC Parameters for a Variable Clock: derating formula
18.6.8. Shift Register Timing Waveforms
Figure 43. Shift Register Timing Waveforms
Symbol
Type
Standard
Clock
X2 Clock
-V
-L
Units
TXLXL
Min
12 T
6 T
ns
TQVHX
Min
10 T - x
5 T - x
50
50
ns
TXHQX
Min
2 T - x
T - x
20
20
ns
TXHDX
Min
x
x
0
0
ns
TXHDV
Max
10 T - x
5 T- x
133
133
ns
VALID
VALID
INPUT DATA
VALID
VALID
01
2
3
4
5
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
TXLXL
TQVXH
TXHQX
TXHDV
TXHDX
SET TI
SET RI
INSTRUCTION
01
2
3
4
5
67
VALID
VALID
VALID
VALID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com