Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 80 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 80 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 76Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 77Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 78Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 79Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 80Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 81Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 82Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 83Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 84Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 97 page
background image
80
Rev. B - November 10, 2000
Preliminary
T80C5112
18.4. DC Parameters for Low Voltage
TA =0
°Cto+70°C; V
SS =0V;VCC =2.7Vto5.5 V;F=0to30 MHz.
TA = -40
°Cto+85°C; V
SS =0V;VCC =2.7Vto5.5 V;F=0to30 MHz.
Table 53. DC Parameters for Low Voltage
NOTES
1.
ICC under reset is measured with all output pins disconnected; XTAL1 driven with TCLCH, TCHCL = 5 ns (see Figure 39.), VIL = VSS + 0.5 V,
VIH = VCC - 0.5V; XTAL2 N.C.; Vpp = RST = VCC. ICC would be slightly higher if a crystal oscillator used.
2.
Idle ICC is measured with all output pins disconnected; XTAL1 driven with TCLCH,TCHCL = 5 ns, VIL =VSS + 0.5 V, VIH =VCC - 0.5 V; XTAL2
N.C; Vpp = RST = VSS (see Figure 37.).
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIL
Input Low Voltage
-0.5
0.2 VCC - 0.1
V
VIH
Input High Voltage except XTAL1, RST
0.2 VCC + 0.9
VCC + 0.5
V
VIH1
Input High Voltage, XTAL1, RST
0.7 VCC
VCC + 0.5
V
VOL
Output Low Voltage, ports 1, 2, 3, 4.
0.3
0.45
1.0
V
V
V
IOL =
IOL = 0.8 mA
IOL =
VOL1
Output Low Voltage, port 0, ALE, PSEN(6)
0.3
0.45
1.0
V
V
V
IOL = 100 m A
IOL = 1.6 mA
IOL = 3.2 mA
VOH
Output High Voltage, ports 1, 2, 3, 4.(6)
0.9 VCC
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -10 m A
IOH =
IOH =
VOH2
Output High Voltage, ports 1, 3, 4.(6)
mode Push pull
0.9VCC
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -100 m A
IOH = - mA
IOH =
VOH1
Output High Voltage, ports 0, ALE, PSEN(6)
VCC - 0.3
VCC - 0.7
VCC - 1.5
V
V
V
IOH = -100 m A
IOH = -1.6 mA
IOH = -3.2 mA
VCC = 3V ± 10%
IIL
Logical 0 Input Current ports 1, 2,3 and 4
-50
m A
Vin = 0.45 V
ILI
Input Leakage Current
±10
m A
0.45 V < Vin < VCC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3, 4
-650
m A
Vin = 2.0 V
RRST
RST Pulldown Resistor
50
90 (5)
200
k
W
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power Down Current
to be conÞrmed
20 (5)
10 (5)
50
30
m A
VCC = 2.0 V to 5.5 V
(3)
VCC = 2.0 V to 3.3 V
(3)
ICC
under
RESET
Power Supply Current Maximum values, X1
mode: (7)
to be con-
Þrmed
1.5 + 0.2 Freq
(MHz)
@12MHz 3.4
@16MHz 4.2
mA
VCC = 3.3 V
(1)
ICC
operating
Power Supply Current Maximum values, X1
mode: (7)
to be con-
Þrmed
1.5 + 0.3 Freq
(MHz)
@12MHz 4.6
@16MHz 5.8
mA
VCC = 3.3 V
(8)
ICC
idle
Power Supply Current Maximum values, X1
mode: (7)
to be con-
Þrmed
1.5+0.15 Freq
(MHz)
@12MHz 2
@16MHz 2.6
mA
VCC = 3.3 V
(2)
VRET
Supply voltage during power down mode
2
V
VRST+
High threshold of Power Fail Detect
2.54
V
VRST
Low threshold of Power Fail Detect
2.19
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com