Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 59 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 55Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 56Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 57Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 58Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 59Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 60Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 61Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 62Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 97 page
background image
Rev. B - November 10, 2000
59
Preliminary
T80C5112
14. Analog-to-Digital Converter (ADC)
14.1. Introduction
This section describes the on-chip 10 bit analog-to-digital converter of the T80C5112. Eight ADC channels are
available for sampling of the external sources AN0 to AN7. An analog multiplexer allows the single ADC converter
to select one from the 8 ADC channels as ADC input voltage (ADCIN). ADCIN is converted by the 10 bit-
cascaded potentiometric ADC.
Three kind of conversion are available:
· Standard conversion (7-8 bits).
· Precision conversion (8-9 bits).
· Accurate conversion (10 bits).
For the precision conversion, set bits PSIDLE and ADSST in ADCON register to start the conversion. The chip
is in a idle mode, the CPU doesnÕt run but the peripherals are always running. This mode allows digital noise to
be lower, to ensure precise conversion.
For the accurate conversion, set bits QUIETM and ADSST in ADCON register to start the conversion. The chip
is in a pseudo-idle mode, the AD is the only peripheral running. This mode allows digital noise to be as low as
possible, to ensure high precision conversion.
For these modes it is necessary to work with end of conversion interrupt, which is the only way to wake up the chip.
If another interrupt occurs during the precision conversion, it will be treated only after this conversion is ended.
14.2. Features
· 8 channels with multiplexed inputs
· 10-bit cascaded potentiometric ADC
· Conversion time 40 micro-seconds
· Zero Error (offset) +/- 2 LSB max
· External Positive Reference Voltage Range 2.4 to Vcc
· Internal Positive Reference Voltage 2.4 Volt. If Vref is used as output, the load must be higher than 18 kOhm.
· ADCIN Range 0 to Vcc
· Integral non-linearity typical 1 LSB, max. 2 LSB
· Differential non-linearity typical 0.5 LSB, max. 1 LSB
· Conversion Complete Flag or Conversion Complete Interrupt
· Selected ADC Clock
14.3. ADC I/O Functions
AINx are general I/O that are shared with the ADC channels. The channel select bit in ADCF register define
which ADC channel pin will be used as ADCIN. The remaining ADC channels pins can be used as general purpose
I/O or as the alternate function that is available. Writes to the port register which arenÕt selected by the ADCF
will not have any effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com