Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 14 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 10Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 11Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 12Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 13Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 14Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 15Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 16Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 17Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 97 page
background image
14
Rev. B - November 10, 2000
Preliminary
T80C5112
CKCON0 - Clock Control Register (8Fh)
Reset Value = X000 0000b
Not bit addressable
Table 3. CKCON1 Register
CKCON1 - Clock Control Register
Reset Value = XXXX XX00b
Not bit addressable
7
6
5
4
3
2
1
0
-
WdX2
PcaX2
SiX2
-
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
6
WdX2
Watchdog clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
5
PcaX2
Programmable Counter Array clock (This control bit is validated when the CPU clock X2 is set; when X2 is
low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
4
SiX2
Enhanced UART clock (Mode 0 and 2) (This control bit is validated when the CPU clock X2 is set; when X2 is
low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.
3
-
Reserved
2
T1X2
Timer1 clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle
1
T0X2
Timer0 clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle
0
X2
CPU clock
Clear to select 12 clock periods per machine cycle (STD mode) for CPU and all the peripherals.
Set to select 6clock periods per machine cycle (X2 mode) and to enable the individual peripherals "X2" bits.
7
6
5
4
3
2
1
0
-
-
-
-
-
-
BRGX2
SPIX2
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
6
-
Reserved
5
-
Reserved
4
-
Reserved
3
-
Reserved
2
-
Reserved
1
-
Reserved
0
SPIX2
SPI clock (This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no effect)
Clear to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com