Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 90 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 90 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 86Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 87Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 88Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 89Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 90Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 91Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 92Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 93Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 94Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 97 page
background image
90
Rev. B - November 10, 2000
Preliminary
T80C5112
18.6.6. External Data Memory Read Cycle
Figure 42. External Data Memory Read Cycle
18.6.7. Serial Port Timing - Shift Register Mode
Table 62. AC Parameters for a Fix Clock
Table 61. Symbol Description
Symbol
Parameter
TXLXL
Serial port clock cycle time
TQVHX
Output data set-up to clock rising edge
TXHQX
Output data hold after clock rising edge
TXHDX
Input data hold after clock rising edge
TXHDV
Clock rising edge to input data valid
Speed
-V
X2 mode
30 MHz
60 MHz equiv.
-V
standard mode
40 MHz
-L
X2 mode
20 MHz
40 MHz equiv.
-L
standard mode
30 MHz
Units
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
TXLXL
200
300
300
400
ns
TQVHX
117
200
200
283
ns
TXHQX
13
30
30
47
ns
TXHDX
0
0
0
0
ns
TXHDV
34
117
117
200
ns
ALE
PSEN
RD
PORT 0
PORT 2
A0-A7
DATA IN
ADDRESS
OR SFR-P2
TAVWL
TLLWL
TRLAZ
ADDRESS A8-A15 OR SFR P2
TRHDZ
TWHLH
TRLRH
TLLDV
TRHDX
TAVDV
TLLAX
TRLDV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com