Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 78 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 74Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 75Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 76Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 77Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 78Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 79Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 80Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 81Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 97 page
background image
78
Rev. B - November 10, 2000
Preliminary
T80C5112
18. Electrical Characteristics
18.1. Absolute Maximum Ratings (1)
Ambiant Temperature Under Bias:
C = commercial 0
°Cto70°C
I = industrial -40
°Cto85°C
Storage Temperature -65
°Cto+150°C
Voltage on VCC to VSS-0.5Vto+7V
Voltage on VPP to VSS-0.5Vto+13V
Voltage on Any Pin to VSS-0.5VtoVCC + 0.5 V
Power Dissipation1 W(2)
NOTES
1.
Stresses at or above those listed under “ Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions may affect device reliability.
2.
This value is based on the maximum allowable die temperature and the thermal resistance of the package.
18.2. Power consumption measurement
Since the introduction of the first C51 devices, every manufacturer made operating Icc measurements under reset,
which made sense for the designs were the CPU was running under reset. In our new devices, the CPU is no more
active during reset, so the power consumption is very low but is not really representative of what will happen in
the customer system. ThatÕs why, while keeping measurements under Reset, we present a new way to measure the
operating Icc:
Using an internal test ROM, the following code is executed:
Label: SJMP Label (80 FE)
Ports 1, 3, 4 are disconnected, RST = Vcc, XTAL2 is not connected and XTAL1 is driven by the clock.
This is much more representative of the real operating Icc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com