Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 29 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 29 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 25Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 26Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 27Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 28Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 29Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 30Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 31Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 32Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 33Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
Rev. B - November 10, 2000
29
Preliminary
T80C5112
Table 17. AUXR1: Auxiliary Register 1
User software should not write 1s to reserved bits. These bits may be used in future 8051 family products to invoke new feature. In that case, the reset
value of the new bit will be 0, and its active value will be 1. The value read from a reserved bit is indeterminate.
Application
Software can take advantage of the additional data pointers to both increase speed and reduce code size, for
example, block operations (copy, compare, search ...) are well served by using one data pointer as a ÕsourceÕ
pointer and the other one as a "destination" pointer.
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
DPS
Bit Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
1
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
0
DPS
Data Pointer Selection
Clear to select DPTR0.
Set to select DPTR1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com