Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

T87C5112-RKFEL Datasheet(PDF) 88 Page - ATMEL Corporation

Part # T87C5112-RKFEL
Description  8-bit Microcontroller with A/D converter
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T87C5112-RKFEL Datasheet(HTML) 88 Page - ATMEL Corporation

Back Button T87C5112-RKFEL Datasheet HTML 84Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 85Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 86Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 87Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 88Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 89Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 90Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 91Page - ATMEL Corporation T87C5112-RKFEL Datasheet HTML 92Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 97 page
background image
88
Rev. B - November 10, 2000
Preliminary
T80C5112
Table 59. AC Parameters for a Fix Clock
Speed
-V
X2 mode
30 MHz
60 MHz equiv.
-V
standard mode
40 MHz
-L
X2 mode
20 MHz
40 MHz equiv.
-L
standard mode
30 MHz
Units
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
TRLRH
85
135
125
175
ns
TWLWH
85
135
125
175
ns
TRLDV
60
102
95
137
ns
TRHDX
0
0
0
0
ns
TRHDZ
18
35
25
42
ns
TLLDV
98
165
155
222
ns
TAVDV
100
175
160
235
ns
TLLWL
30
70
55
95
45
105
70
130
ns
TAVWL
47
80
70
103
ns
TQVWX
7
15
5
13
ns
TQVWH
107
165
155
213
ns
TWHQX
9
17
10
18
ns
TRLAZ
0
0
0
0
ns
TWHLH
7
27
15
35
5
45
13
53
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com