Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 235 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 235 Page - NEC

Back Button UPD17708 Datasheet HTML 231Page - NEC UPD17708 Datasheet HTML 232Page - NEC UPD17708 Datasheet HTML 233Page - NEC UPD17708 Datasheet HTML 234Page - NEC UPD17708 Datasheet HTML 235Page - NEC UPD17708 Datasheet HTML 236Page - NEC UPD17708 Datasheet HTML 237Page - NEC UPD17708 Datasheet HTML 238Page - NEC UPD17708 Datasheet HTML 239Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 235 / 356 page
background image
235
µPD17704, 17705, 17707, 17708, 17709
Figure 16-13. Start/Stop Condition Recognition Timing
(a) Start condition recognition timing
SBSTT
Serial data pin
Shift clock pin
SBBSY
L
H
Detects falling of serial data pin
About 1 s
Start condition is assumed if shift clock pin
goes high about 1 s after serial data pin
has gone low.
L
H
H
L
L
H
µ
µ
(b) Stop condition recognition timing
SBSTT
Serial data pin
Shift clock pin
SBBSY
L
H
Detects rising of serial data pin
About 1 s
Stop condition is assumed if shift clock pin
goes high about 1 s after serial data pin
has gone high.
H
L
H
L
L
H
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com