Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 94 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 94 Page - NEC

Back Button UPD17708 Datasheet HTML 90Page - NEC UPD17708 Datasheet HTML 91Page - NEC UPD17708 Datasheet HTML 92Page - NEC UPD17708 Datasheet HTML 93Page - NEC UPD17708 Datasheet HTML 94Page - NEC UPD17708 Datasheet HTML 95Page - NEC UPD17708 Datasheet HTML 96Page - NEC UPD17708 Datasheet HTML 97Page - NEC UPD17708 Datasheet HTML 98Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
94
10.4 Operation of Data Buffer Stack
Figure 10-3 shows the operation of the data buffer stack.
As shown in the figure, when the PUT instruction is executed, the contents of the data buffer are transferred
to a data buffer stack register specified by the stack pointer, and the stack pointer is incremented by one.
When the GET instruction is executed, the contents of a data buffer stack register specified by the stack
pointer are transferred to the data buffer, and the stack pointer is decremented by one.
Therefore, note that the value of the stack pointer is set to 1 if data has been written once because its initial
value is 0, and that the stack pointer is set to 0 when data has been written four times.
Note that when writing (PUT) exceeding four levels, the first data are discarded.
Figure 10-3. Operation of Data Buffer Stack
(a) If writing does not exceed level 4
(b) If writing exceeds level 4
Undefined
Undefined
Undefined
Undefined
VDD
A
Undefined
Undefined
Undefined
PUT
A
B
Undefined
Undefined
PUT
A
B
Undefined
Undefined
GET
A
B
Undefined
Undefined
GET
0
1
2
3
A
Undefined
Undefined
Undefined
PUT
A
B
Undefined
Undefined
PUT
A
B
C
Undefined
PUT
A
B
C
D
E
B
C
D
E
B
C
D
GET
E
B
C
D
GET
PUT
PUT
0
1
2
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com