Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 98 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 98 Page - NEC

Back Button UPD17708 Datasheet HTML 94Page - NEC UPD17708 Datasheet HTML 95Page - NEC UPD17708 Datasheet HTML 96Page - NEC UPD17708 Datasheet HTML 97Page - NEC UPD17708 Datasheet HTML 98Page - NEC UPD17708 Datasheet HTML 99Page - NEC UPD17708 Datasheet HTML 100Page - NEC UPD17708 Datasheet HTML 101Page - NEC UPD17708 Datasheet HTML 102Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
98
Table 11-1. Relationships between Port (Pin) and Port Register (3/3)
Port
Pin
Data Setting Method
No.
Symbol
I/O
Port register (data memory)
Bank
Address
Symbol
Bit symbol
(reserved word)
Port 3A
6
P3A3
I/O
BANK3
70H
P3A
b3
P3A3
7
P3A2
(group I/O)
b2
P3A2
8
P3A1
b1
P3A1
9
P3A0
b0
P3A0
Port 3B
10
P3B3
I/O
71H
P3B
b3
P3B3
11
P3B2
(group I/O)
b2
P3B2
12
P3B1
b1
P3B1
13
P3B0
b0
P3B0
Port 3C
47
P3C3
I/O
72H
P3C
b3
P3C3
48
P3C2
(group I/O)
b2
P3C2
49
P3C1
b1
P3C1
50
P3C0
b0
P3C0
Port 3D
51
P3D3
I/O
73H
P3D
b3
P3D3
52
P3D2
(group I/O)
b2
P3D2
53
P3D1
b1
P3D1
54
P3D0
b0
P3D0
–
No pin
–
BANK4
70H-73H
–
Fixed to “0”
|
BANK15Note
Note
The
µPD17704 and 17705 do not have BANKs 6 through 14.
µPD17707 and 17708 do not have BANKs 10 through 14.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com