Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 44 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 44 Page - NEC

Back Button UPD17708 Datasheet HTML 40Page - NEC UPD17708 Datasheet HTML 41Page - NEC UPD17708 Datasheet HTML 42Page - NEC UPD17708 Datasheet HTML 43Page - NEC UPD17708 Datasheet HTML 44Page - NEC UPD17708 Datasheet HTML 45Page - NEC UPD17708 Datasheet HTML 46Page - NEC UPD17708 Datasheet HTML 47Page - NEC UPD17708 Datasheet HTML 48Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
44
5. SYSTEM REGISTERS (SYSREG)
5.1 Outline of System Registers
Figure 5-1 shows the location of the system registers on the data memory and their outline.
As shown in the figure, the system registers are allocated to addresses 74H through 7FH of all the banks
of the data memory. Therefore, identical system registers exist at addresses 74H through 7FH of any bank.
Because the system registers are located on the data memory, they can be manipulated by all data memory
manipulation instructions.
Seven types of system registers are available depending on function.
Figure 5-1. Location and Outline of System Registers on Data Memory
Column address
Data memory
BANK0
BANK1
BANK2
0123456789
A
B
C
D
E
F
0
1
2
3
4
5
6
7
BANK14
BANK15
System register
Address
Name
Function
74H
75H
76H
77H
78H
79H
7AH
7BH
7CH
7DH
7EH
7FH
Address register
(AR)
Controls program memory address
Window
register
(WR)
Transfers
data with
register
file
Bank
register
(BANK)
Specifies
bank of
data
memory
Data memory row
address pointer (MP)
Index register
(IX)
Modifies address of data memory
General register
pointer (RP)
Specifies
address of
general register
Program
status
word
(PSWORD)
Controls
operation
Remark
µ
The PD17704 and 17705 do not have the BANKs 6 through 14.
The PD17707 and 17708 do not have BANKs 10 through 14.
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com