Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 14 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 14 Page - NEC

Back Button UPD17708 Datasheet HTML 10Page - NEC UPD17708 Datasheet HTML 11Page - NEC UPD17708 Datasheet HTML 12Page - NEC UPD17708 Datasheet HTML 13Page - NEC UPD17708 Datasheet HTML 14Page - NEC UPD17708 Datasheet HTML 15Page - NEC UPD17708 Datasheet HTML 16Page - NEC UPD17708 Datasheet HTML 17Page - NEC UPD17708 Datasheet HTML 18Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
14
Pin No.
Symbol
Function
Output Form
51
P3D3
4-bit I/O Port.
CMOS
|
|
Can be set in input or output mode in 4-bit units.
push-pull
54
P3D0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
55
P2C3
4-bit I/O Port.
CMOS
|
|
Can be set in input or output mode in 4-bit units.
push-pull
58
P2C0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
59
P0C3
4-bit I/O Port.
CMOS
|
|
Can be set in input or output mode in 4-bit units.
push-pull
62
P0C0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
63
P0A3/DSA
Ports P0A and P0B are multiplexed with I/O of serial interface.
N-ch
64
P0A2/SCL
• P0A3 through P0A0
open-drain
65
P0A1/SCK0
• 4-bit I/O port
CMOS
66
P0A0/SO0
• Can be set in input or output mode in 1-bit units.
push-pull
67
P0B3/SI0
• P0B3 through P0B0
68
P0B2/SCK1
• 4-bit I/O port
69
P0B1/SO1
• Can be set in input or output mode in 1-bit units.
70
P0B0/SI1
• SDA, SCL
• Serial data and serial clock I/O of serial interface 0 in 2-wire serial I/O or
I2C bus mode
• SCK0, SO0, SI0
• Serial clock I/O, serial data output, and serial data input of serial interface
0 in 3-wire serial I/O mode
• SCK1, SO1, SI1
• Serial clock I/O, serial data output, serial data input of serial interface 1
in 3-wire serial I/O mode
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
P0A3 through P0A0,
P0A3 through P0A0,
P0A3 through P0A0,
P0A3 through P0A0,
P0B3 through P0B0
P0B3 through P0B0
P0B3 through P0B0
P0B3 through P0B0
71
P2D2
3-bit I/O port.
CMOS
|
|
Can be set in input or output mode in 1-bit units.
push-pull
73
P2D0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com