Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 38 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 38 Page - NEC

Back Button UPD17708 Datasheet HTML 34Page - NEC UPD17708 Datasheet HTML 35Page - NEC UPD17708 Datasheet HTML 36Page - NEC UPD17708 Datasheet HTML 37Page - NEC UPD17708 Datasheet HTML 38Page - NEC UPD17708 Datasheet HTML 39Page - NEC UPD17708 Datasheet HTML 40Page - NEC UPD17708 Datasheet HTML 41Page - NEC UPD17708 Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
38
4.2 Configuration and Function of Data Memory
Figure 4-2 shows the configuration of the data memory.
As shown in this figure, the data memory is divided into several banks with each bank made up of a total of
128 nibbles with 7H row addresses and 0FH column addresses.
The data memory can be divided into five functional blocks. Each block is described in 4.2.1 through 4.2.5
below.
The contents of the data memory can be operated on, compared, judged, and transferred in 4-bit units with
a single data memory manipulation instruction.
Table 4-1 lists the data memory manipulation instructions.
4.2.1 System registers (SYSREG)
The system registers are allocated to addresses 74H through 7FH.
Because the system registers are allocated to all banks, the same system registers exist at addresses 74H
through 7FH of any bank.
For details, refer to 5. SYSTEM REGISTER (SYSREG).
4.2.2 Data buffer (DBF)
The data buffer is allocated to addresses 0CH through 0FH of BANK 0.
For details, refer to 9. DATA BUFFER (DBF).
4.2.3 Port registers
The port registers are allocated to addresses 70H through 73H of BANKs 0 through 3.
For details, refer to 11. GENERAL-PURPOSE PORTS.
4.2.4 Port input/output selection registers
Port input/output selection registers are allocated to addresses 60H through 6FH of BANK15.
For details, refer to 8.4 Port Input/Output Selection Register.
4.2.5 General-purpose data memory
The general-purpose data memory is allocated to the addresses of the data memory excluding those of the
system registers, port registers, and port input/output selection registers.
(a)
µPD17709
The general-purpose data memory of the
µPD17709 consists of a total of 1776 nibbles of the 112 nibbles
each of BANKs 0 through 15 (BANK15 only has 96 nibbles).
(b)
µPD17707, 17708
The general-purpose data memory of the
µPD17707 and 17708 consists of a total of 1120 nibbles of the
112 nibbles each of BANKs 0 through 9.
(c)
µPD17704, 17705
The general-purpose data memory of the
µPD17704 and 17705 consists of a total of 672 nibbles of the
112 nibbles each of BANKs 0 through 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com