Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 72 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 72 Page - NEC

Back Button UPD17708 Datasheet HTML 68Page - NEC UPD17708 Datasheet HTML 69Page - NEC UPD17708 Datasheet HTML 70Page - NEC UPD17708 Datasheet HTML 71Page - NEC UPD17708 Datasheet HTML 72Page - NEC UPD17708 Datasheet HTML 73Page - NEC UPD17708 Datasheet HTML 74Page - NEC UPD17708 Datasheet HTML 75Page - NEC UPD17708 Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
72
Table 8-1. Peripheral Hardware Control Functions of Control Registers (3/8)
Peripheral
Control Register
Peripheral Hardware Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
Write
Symbol
ON
& SP
reset
01
reset
reset
Serial
Serial I/O0
0FH
R/W
SIO0CH
Selects serial I/O0 mode
0000
interface mode selection
SB
SIO0MS
Sets master/slave
Slave operation Master operation
SIO0TX
Sets transfer direction
Reception
Transmission
Serial I/O1
1DH
R/W
SIO1TS
Starts or stops operation
Stops operation Starts operation
0000
mode selection
SIO1HIZ
Sets status of P0B1/SO1 pin
General-purpose
Serial data
I/O port
output pin
SIO1CK1
Sets I/O clock
SIO1CK0
PLL
PLL mode
10H
R/W
PLLSCNF
Sets low-order bits of swallow counter
Lowest bit is 0 Lowest bit is 1
UURR
frequency
selection
0
Fixed to “0”
0000
synthesizer
PLLMD1
Sets division mode of PLL
PLLMD0
PLL reference
11H
R/W
PLLRFCK3
Sets reference frequency of PLL
FFFF
frequency
PLLRFCK2
selection
PLLRFCK1
PLLRFCK0
PLL unlcok FF
12H
R &
0
Fixed to “0”
Undefined Undefined
Retained Retained
Reset 0
0
PLLUL
Detects status of unlock FF
Locked
Unclocked
BEEP
BEEP/general-
13H
R/W
0
Fixed to “0”
0000
purpose port pin
0
function selection
BEEP1SEL Selects function of P1D1/BEEP1 pin General-purpose
BEEP
BEEP0SEL Selects function of P1D0/BEEP0 pin
I/O port
BEEP clock
14H
R/W
BEEP1CK1 Sets output frequency of BEEP1
0000
selection
BEEP1CK0
BEEP0CK1 Sets output frequency of BEEP0
BEEP0CK0
U: Undefined
R: Retained
0011
Not
I2C
2-wire
3-wire
used
mode
mode
mode
0101
0: 1.25 kHz 1: 2.5 kHz
2: 5 kHz
3: 10 kHz
4: 6.25 kHz 5: 12.5 kHz
6: 25 kHz
7: 50 kHz
8: 3 kHz
9: 9 kHz
A: 18 kHz
B: Setting prohibited
C: 1 kHz
D: 20 kHz
E: Setting prohibited
F: PLL disabled
0
011
Disabled
MF
VHF
HF
0
101
0011
4 kHz
3 kHz
200 Hz
67 Hz
0101
0011
1 kHz
3 kHz
4 kHz
6.7 kHz
0101
0011
External 187.50
375.00
46.875
clock
kHz
kHz
kHz
0101
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com