Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 75 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 75 Page - NEC

Back Button UPD17708 Datasheet HTML 71Page - NEC UPD17708 Datasheet HTML 72Page - NEC UPD17708 Datasheet HTML 73Page - NEC UPD17708 Datasheet HTML 74Page - NEC UPD17708 Datasheet HTML 75Page - NEC UPD17708 Datasheet HTML 76Page - NEC UPD17708 Datasheet HTML 77Page - NEC UPD17708 Datasheet HTML 78Page - NEC UPD17708 Datasheet HTML 79Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 356 page
background image
75
µPD17704, 17705, 17707, 17708, 17709
Table 8-1. Peripheral Hardware Control Functions of Control Registers (6/8)
Peripheral
Control Register
Peripheral Hardware Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
Write
Symbol
ON
& SP
reset
01
reset
reset
Interrupt Serial interface 0
35H
R/W
0
Fixed to “0”
0
0
Retained Retained
interrupt request
0
0
IRQSIO0
Detects serial interface 0
No interrupt request
Interrupt request
interrupt request
Timer 3 interrupt
36H
R/W
0
Fixed to “0”
0
0
Retained Retained
request
0
0
IRQTM3
Detects timer 3 interrupt request No interrupt request Interrupt request
Timer 2 interrupt
37H
R/W
0
Fixed to “0”
0
0
Retained Retained
request
0
0
IRQTM2
Detects timer 2 interrupt request No interrupt request Interrupt request
Timer 1 interrupt
38H
R/W
0
Fixed to “0”
0
0
Retained Retained
request
0
0
IRQTM1
Detects timer 1 interrupt request No interrupt request Interrupt request
Timer 0 interrupt
39H
R/W
0
Fixed to “0”
0
0
Retained Retained
request
0
0
IRQTM0
Detects timer 0 interrupt request No interrupt request Interrupt request
INT4 pin interrupt
3AH
R/W
INT4
Detects INT4 pin status
Low level
High level
UUUU
request
0
Fixed to “0”
0
0
Retained Retained
0
IRQ4
Detects INT4 pin interrupt request No interrupt request Interrupt request
INT3 pin interrupt
3BH
R/W
INT3
Detects INT3 pin status
Low level
High level
UUUU
request
0
Fixed to “0”
0
0
Retained Retained
0
IRQ3
Detects INT3 pin interrupt request No interrupt request Interrupt request
INT2 pin interrupt
3CH
R/W
INT2
Detects INT2 pin status
Low level
High level
UUUU
request
0
Fixed to “0”
0
0
Retained Retained
0
IRQ2
Detects INT2 pin interrupt request No interrupt request Interrupt request
INT1 pin interrupt
3DH
R/W
INT1
Detects INT1 pin status
Low level
High level
UUUU
request
0
Fixed to “0”
0
0
Retained Retained
0
IRQ1
Detects INT1 pin interrupt request No interrupt request Interrupt request
U: Undefined
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com