Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 66 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 66 Page - NEC

Back Button UPD17708 Datasheet HTML 62Page - NEC UPD17708 Datasheet HTML 63Page - NEC UPD17708 Datasheet HTML 64Page - NEC UPD17708 Datasheet HTML 65Page - NEC UPD17708 Datasheet HTML 66Page - NEC UPD17708 Datasheet HTML 67Page - NEC UPD17708 Datasheet HTML 68Page - NEC UPD17708 Datasheet HTML 69Page - NEC UPD17708 Datasheet HTML 70Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
66
8.2.1 Register file manipulation instructions (“PEEK WR, rf”, “POKE rf, WR”)
Data is read from or written to the register file via the window register of the system registers, by using the
following instructions.
(1) “PEEK WR, rf”
Reads data of the register file addressed by “rf” to the window register.
(2) “POKE rf, WR”
Writes the data of the window register to the register file addressed by “rf”.
8.3 Control Registers
Figure 8-3 shows the configuration of the control registers.
As shown in the figure, the control registers consist of a total of 64 nibbles (64
× 4 bits) of addresses 00H
through 3FH of the register file.
Of these 64 nibbles, however, only 53 nibbles are actually used. The remaining 11 nibbles are unused
registers and prohibited from being written or read.
Each control register has an attribute of 1 nibble that identifies four types of registers: read/write (R/W), read-
only (R), write-only (W), and read-and-reset (R&Reset) registers.
Nothing is changed even if data is written to a read-only (R and R&Reset) register.
An “undefined” value is read if a write-only (W) register is read.
Among the 4-bit data in 1 nibble, the bit fixed to “0” is always “0” when it is read, and is also “0” when it is
written.
The 11 nibbles of unused registers are undefined when their contents are read, and nothing changes even
when they are written.
Table 8-1 lists the peripheral hardware control functions of the control registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com