Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 3 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 3 Page - NEC

  UPD17708 Datasheet HTML 1Page - NEC UPD17708 Datasheet HTML 2Page - NEC UPD17708 Datasheet HTML 3Page - NEC UPD17708 Datasheet HTML 4Page - NEC UPD17708 Datasheet HTML 5Page - NEC UPD17708 Datasheet HTML 6Page - NEC UPD17708 Datasheet HTML 7Page - NEC UPD17708 Datasheet HTML 8Page - NEC UPD17708 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 356 page
background image
3
µPD17704, 17705, 17707, 17708, 17709
Part Number
µPD17704
µPD17705
µPD17707
µPD17708
µPD17709
Item
Frequency counter
• Intermediate frequency (IF) measurement
P1C0/FMIFC pin : in FMIF mode 10 to 11 MHz
in AMIF mode 0.4 to 0.5 MHz
P1C1/AMIFC pin: in AMIF mode 0.4 to 0.5 MHz
• External gate width measurement
P2A1/FCG1, P2A0/FCG0 pin
BEEP output
2 pins
Output frequency: 1 kHz, 3 kHz, 4 kHz, 6.7 kHz (BEEP0 pin)
67 Hz, 200 Hz, 3 kHz, 4 kHz (BEEP1 pin)
Reset
• Power-ON reset (on power application)
• Reset by RESET pin
• Watchdog timer reset
Can be set only once on power application: 65536 instruction, 131072
instruction, or no-use selectable
• Stack pointer overflow/underflow reset
Can be set only once on power application: interrupt stack or address stack
selectable
• CE reset (CE pin low
→ high level)
CE reset delay timing can be set.
• Power failure detection function
Standby
• Clock stop mode (STOP)
• Halt mode (HALT)
Supply voltage
• PLL operation: VDD = 4.5 to 5.5 V
• CPU operation: VDD = 3.5 to 5.5 V
Package
80-pin plastic QFP (14
× 14 mm, 0.65 mm pitch)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com