Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 65 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 65 Page - NEC

Back Button UPD17708 Datasheet HTML 61Page - NEC UPD17708 Datasheet HTML 62Page - NEC UPD17708 Datasheet HTML 63Page - NEC UPD17708 Datasheet HTML 64Page - NEC UPD17708 Datasheet HTML 65Page - NEC UPD17708 Datasheet HTML 66Page - NEC UPD17708 Datasheet HTML 67Page - NEC UPD17708 Datasheet HTML 68Page - NEC UPD17708 Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 356 page
background image
65
µPD17704, 17705, 17707, 17708, 17709
8.2 Configuration and Function of Register File
Figure 8-2 shows the configuration of the register file and the relationships between the register file and data
memory.
The register file is assigned addresses in 4-bit units, like the data memory, and consists of a total of 128
nibbles with row addresses 0H through 7FH and column addresses 0H through 0FH.
Addresses 00H through 3FH are control registers that sets the conditions of the peripheral hardware units.
Addresses 40H through 7FH overlap the data memory.
In other words, addresses 40H through 7FH of the register file are addresses 40H through 7FH of the
currently-selected bank of data memory.
Because addresses 40H through 7FH of the register file overlap the same addresses of the data memory,
these addresses of the register file can be manipulated in the same manner as the data memory, except that
the addresses of the register file can also be manipulated by using register file manipulation instructions (“PEEK
WR, rf” and “POKE rf, WR”). Note, however, that addresses 60H through 6FH of BANK15 are assigned port
input/output selection registers (for details refer to 8.4 Port Input/Output Selection Registers).
Figure 8-2. Configuration of Register File and Relationship with Data Memory
Remark
The
µPD17704 and 17705 do not have BANKs 6 through 14.
The
µPD17707 and 17708 do not have BANKs 10 through 14.
Column address
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
789
A
B
C
D
E
F
System registers
0
1
2
3
Control registers
Data memory
BANK0
BANK1
BANK2
BANK14
Register file
BANK15
Port input/output selection registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com