Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 56 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 56 Page - NEC

Back Button UPD17708 Datasheet HTML 52Page - NEC UPD17708 Datasheet HTML 53Page - NEC UPD17708 Datasheet HTML 54Page - NEC UPD17708 Datasheet HTML 55Page - NEC UPD17708 Datasheet HTML 56Page - NEC UPD17708 Datasheet HTML 57Page - NEC UPD17708 Datasheet HTML 58Page - NEC UPD17708 Datasheet HTML 59Page - NEC UPD17708 Datasheet HTML 60Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
56
6. GENERAL REGISTER (GR)
6.1 Outline of General Register
Figure 6-1 outlines the general register.
As shown in the figure, the general register is specified in the data memory by the general register pointer.
The bank and row address of the general register are specified by the general register pointer.
The general register is used to transfer or operate data between data memory addresses.
Figure 6-1. Outline of General Register
Remark
The
µPD17704 and 17705 do not have BANKs 6 through 14.
The
µPD17707 and 17708 do not have BANKs 10 through 14.
6.2 General Register
The general register consists of 16 nibbles (16
× 4 bis) of the same row address on the data memory.
For the range of the banks and row addresses that can be specified by the general register pointer as a general
register, refer to 5.7 General Register Pointer (RP).
The 16 nibbles of the same row address specified as a general register operate or transfer data with the data
memory by a single instruction.
In other words, operation or data transfer between data memory addresses can be executed by a single
instruction.
The general register can be controlled by the data memory manipulation instruction, like the other data
memory areas.
Column address
BANK2
BANK1
BANK0
Data memory
General register
Transfer, operation
General register
pointer
System register
BANK15
BANK14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com