Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 5 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 5 Page - NEC

  UPD17708 Datasheet HTML 1Page - NEC UPD17708 Datasheet HTML 2Page - NEC UPD17708 Datasheet HTML 3Page - NEC UPD17708 Datasheet HTML 4Page - NEC UPD17708 Datasheet HTML 5Page - NEC UPD17708 Datasheet HTML 6Page - NEC UPD17708 Datasheet HTML 7Page - NEC UPD17708 Datasheet HTML 8Page - NEC UPD17708 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 356 page
background image
5
µPD17704, 17705, 17707, 17708, 17709
PIN NAME
AD0-AD5
: A/D converter input
AMIFC
: AM frequency counter input
BEEP0, BEEP1 : BEEP output
CE
: Chip enable
EO0, EO1
: Error-out output
FCG0, FGC1
: Frequency counter gate input
FMIFC
: FM frequency counter input
GND0-GND2
: Ground 0 to 2
INT0-INT4
: External interrupt input
PWM0-PWM2
: D/A converter output
P0A0-P0A3
: Port 0A
P0B0-P0B3
: Port 0B
P0C0-P0C3
: Port 0C
P0D0-P0D3
: Port 0D
P1A0-P1A3
: Port 1A
P1B0-P1B3
: Port 1B
P1C0-P1C3
: Port 1C
P1D0-P1D3
: Port 1D
P2A0-P2A2
: Port 2A
P2B0-P2B3
: Port 2B
P2C0-P2C3
: Port 2C
P2D0-P2D2
: Port 2D
P3A0-P3A3
: Port 3A
P3B0-P3B3
: Port 3B
P3C0-P3C3
: Port 3C
P3D0-P3D3
: Port 3D
REG
: CPU regulator
RESET
: Reset input
SCK0, SCK1
: 3-wire serial clock I/O
SCL
: 2-wire serial clock I/O
SDA
: 2-wire serial data I/O
SI0, SI1
: 3-wire serial data input
SO0, SO1
: 3-wire serial data output
TEST
: Test input
TM0G
: Timer 0 gate input
VCOH
: Local oscillation high input
VCOL
: Local oscillation low input
VDD0, VDD1
: Power supply
XIN, XOUT
: Main clock oscillation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com