Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 74 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 74 Page - NEC

Back Button UPD17708 Datasheet HTML 70Page - NEC UPD17708 Datasheet HTML 71Page - NEC UPD17708 Datasheet HTML 72Page - NEC UPD17708 Datasheet HTML 73Page - NEC UPD17708 Datasheet HTML 74Page - NEC UPD17708 Datasheet HTML 75Page - NEC UPD17708 Datasheet HTML 76Page - NEC UPD17708 Datasheet HTML 77Page - NEC UPD17708 Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
74
Table 8-1. Peripheral Hardware Control Functions of Control Registers (5/8)
Peripheral
Control Register
Peripheral Hardware Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
Write
Symbol
ON
& SP
reset
01
reset
reset
Interrupt Interrupt edge
1EH
R/W
IEG4
Sets interrupt issuance edge
Rising edge
Falling edge
0
0
Retained Retained
selection 1
(INT4 pin)
INT4SEL
Sets interrupt request flag of
Enables
Disables
P1A3/INT4 pin
setting of flag setting of flag
IEG3
Sets interrupt issuance edge
Rising edge
Falling edge
(INT3 pin)
INT3SEL
Sets interrupt request flag of
Enables
Disables
P1A2/INT3 pin
setting of flag setting of flag
Interrupt edge
1FH
R/W
0
Fixed to “0”
0
0
Retained Retained
selection 2
IEG2
Sets interrupt issuance edge
Rising edge
Falling edge
(INT2 pin)
IEG1
Sets interrupt issuance edge
(INT1 pin)
IEG0
Sets interrupt issuance edge
(INT0 pin)
Interrupt enable 1
2DH
R/W
IPSIO1
Enables serial interface 1
Disables
Enables
0
0
Retained Retained
interrupt
interrupt
interrupt
IPSIO0
Enables serial interface 0
interrupt
IPTM3
Enables timer 3 interrupt
IPTM2
Enables timer 2 interrupt
Interrupt enable 2
2EH
R/W
IPTM1
Enables timer 1 interrupt
Disables
Enables
0
0
Retained Retained
IPTM0
Enables timer 0 interrupt
interrupt
interrupt
IP4
Enables INT4 pin interrupt
IP3
Enables INT3 pin interrupt
Interrupt enable 3
2FH
R/W
IP2
Enables INT2 pin interrupt
Disables
Enables
0
0
Retained Retained
IP1
Enables INT1 pin interrupt
interrupt
interrupt
IP0
Enables INT0 pin interrupt
IPCE
Enables CE pin interrupt
Serial interface 1 34H
R/W
0
Fixed to “0”
0
0
Retained Retained
interrupt request
0
0
IRQSIO1
Detects serial interface 1
No interrupt
Interrupt
interrupt request
request
request
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com