Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 51 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 51 Page - NEC

Back Button UPD17708 Datasheet HTML 47Page - NEC UPD17708 Datasheet HTML 48Page - NEC UPD17708 Datasheet HTML 49Page - NEC UPD17708 Datasheet HTML 50Page - NEC UPD17708 Datasheet HTML 51Page - NEC UPD17708 Datasheet HTML 52Page - NEC UPD17708 Datasheet HTML 53Page - NEC UPD17708 Datasheet HTML 54Page - NEC UPD17708 Datasheet HTML 55Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 356 page
background image
51
µPD17704, 17705, 17707, 17708, 17709
5.6.2 Functions of index register and data memory row address pointer
The index register and data memory row address pointer modify the addresses of the data memory.
The following paragraphs (1) and (2) describe their functions.
A dedicated instruction (“INC IX”) that increments the value of the index register by one is available.
For the details of address modification, refer to 7. ALU (Arithmetic Logic Unit) BLOCK.
(1) Index register (IX)
When a data memory manipulation instruction is executed, the data memory address is modified by the
contents of the index register.
This modification, however, is valid only when the IXE flag is set to 1.
To modify the address, the bank, row address, and column address of the data memory are ORed with
the contents of the index register, and the instruction is executed to a data memory address (called real
address) specified by the result of this OR operation.
All data memory manipulation instructions are subject to address modification by the index register.
The following instructions, however, are not subject to address modification by the index register.
INC
AR
RORC
r
INX
IX
CALL
addr
MOVT
DBF, @AR
CALL
@AR
PUSH
AR
RET
POP
AR
RETSK
PEEK
WR,rf
RETI
POKE
rf,WR
EI
GET
DBF,p
DI
PUT
p, DBF
STOP s
BR
addr
HALT h
BR
@AR
NOP
(2) Data memory row address pointer (MP)
When the general register indirect transfer instruction (“MOV @r,m” or “MOV m,@r”) is executed, the
indirect transfer destination address is modified.
This modification, however, is valid only when the MPE flag is set to 1.
To modify the address, the bank and row address at the indirect transfer destination are replaced by the
contents of the data memory row address pointer.
Instructions other than the general register indirect transfer instruction are not subject to address
modification.
(3) Index register increment instruction (“INC IX”)
This instruction increments the contents of the index register by one.
Because the index register is configured of 10 bits, its contents are incremented to “000H” if the “INC
IX” instruction is executed when the contents of the index register are “3FFH”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com