Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 263 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 263 Page - NEC

Back Button UPD17708 Datasheet HTML 259Page - NEC UPD17708 Datasheet HTML 260Page - NEC UPD17708 Datasheet HTML 261Page - NEC UPD17708 Datasheet HTML 262Page - NEC UPD17708 Datasheet HTML 263Page - NEC UPD17708 Datasheet HTML 264Page - NEC UPD17708 Datasheet HTML 265Page - NEC UPD17708 Datasheet HTML 266Page - NEC UPD17708 Datasheet HTML 267Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 356 page
background image
263
µPD17704, 17705, 17707, 17708, 17709
17.4.2 Function of phase comparator
As shown in Figure 17-7, the phase comparator compares the phases of the divided frequency “fN” output by the
programmable divider and the reference frequency “fr”, and outputs an up or down request signal.
If the divided frequency fN is lower than reference frequency fr, the up request signal is output. If fN is higher than
fr, the down request signal is output.
Figure 17-8 shows the relationship between reference frequency fr, divided frequency fN, up request signal, and
down request signal.
When the PLL frequency synthesizer is disabled, neither the up request nor the down request signal is output.
The up and down request signals are input to the charge pump and unlock FF, respectively.
Figure 17-8. Relationship between fr, fN, UP, and DW
(a) If fN lags behind fr
(b) If fN leads fr
(c) If fN and fr are in phase
(d) If fN is lower than fr
fr
fN
UP
DW
fr
fN
UP
DW
fr
fN
UP
DW
fr
fN
UP
DW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com