Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 123 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 123 Page - NEC

Back Button UPD17708 Datasheet HTML 119Page - NEC UPD17708 Datasheet HTML 120Page - NEC UPD17708 Datasheet HTML 121Page - NEC UPD17708 Datasheet HTML 122Page - NEC UPD17708 Datasheet HTML 123Page - NEC UPD17708 Datasheet HTML 124Page - NEC UPD17708 Datasheet HTML 125Page - NEC UPD17708 Datasheet HTML 126Page - NEC UPD17708 Datasheet HTML 127Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 356 page
background image
123
µPD17704, 17705, 17707, 17708, 17709
Figure 12-8. Configuration of INT4 Pin Interrupt Request Register
Name
Flag symbol
b3
I
N
T
4
b2
0
b1
0
b0
I
R
Q
4
Address
3AH
Read/Write
R/W
INT4 pin
interrupt request
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
Interrupt request not issued
Interrupt request issued
Indicates interrupt request issuance status of INT4 pin
Fixed to “0”
Low level is input
High level is input
Detects status of INT4 pin
0
1
0
0
R
R
0
0
U
U
U
U
U: Undefined, R : Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com