Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 128 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 128 Page - NEC

Back Button UPD17708 Datasheet HTML 124Page - NEC UPD17708 Datasheet HTML 125Page - NEC UPD17708 Datasheet HTML 126Page - NEC UPD17708 Datasheet HTML 127Page - NEC UPD17708 Datasheet HTML 128Page - NEC UPD17708 Datasheet HTML 129Page - NEC UPD17708 Datasheet HTML 130Page - NEC UPD17708 Datasheet HTML 131Page - NEC UPD17708 Datasheet HTML 132Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
128
Figure 12-13. Configuration of CE Pin Interrupt Request Register
Name
Flag symbol
b3
C
E
b2
0
b1
C
E
C
N
T
S
T
T
b0
I
R
Q
C
E
Address
3FH
Read/Write
R/W
CE pin
interrupt request
Power-ON reset
WDT&SP reset
CE reset
Clock stop
0
1
U
U
U
U
00
0
0
0
0
0
R
R
0
1
Interrupt request not issued
Interrupt request issued
Indicates interrupt request issuance status of CE pin
Stops
Operates
Detects status of CE reset counter
Fixed to “0”
Low level is input
High level is input
Detects status of CE pin
0
1
U : Undefined, R : Retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com