Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 133 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 133 Page - NEC

Back Button UPD17708 Datasheet HTML 129Page - NEC UPD17708 Datasheet HTML 130Page - NEC UPD17708 Datasheet HTML 131Page - NEC UPD17708 Datasheet HTML 132Page - NEC UPD17708 Datasheet HTML 133Page - NEC UPD17708 Datasheet HTML 134Page - NEC UPD17708 Datasheet HTML 135Page - NEC UPD17708 Datasheet HTML 136Page - NEC UPD17708 Datasheet HTML 137Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 356 page
background image
133
µPD17704, 17705, 17707, 17708, 17709
12.3 Interrupt Stack Register
12.3.1 Configuration and function of interrupt stack register
Figure 12-17 shows the configuration of the interrupt stack register.
The interrupt stack register saves the contents of the following system registers (except the address register
(AR)) when an interrupt is accepted.
•
Window register (WR)
•
Bank register (BANK)
•
Index register (IX)
•
General pointer (RP)
•
Program status word (PSWORD)
When an interrupt is accepted and the contents of the above system registers are saved to the interrupt stack,
the contents of the above system registers, except the window register, are reset to “0”.
The interrupt stack can save the contents of the above system registers at up to four levels.
Therefore, interrupts can be nested up to four levels.
The contents of the interrupt stack register are restored to the system registers when the interrupt return
(RETI) instruction is executed.
The contents of the interrupt stack register are undefined at power-ON reset.
The previous contents are retained at CE reset and on execution of the clock stop instruction.
Figure 12-17. Configuration of Interrupt Stack Register
Window
stack
WRSK
b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0 b3 b2 b1 b0
Bank
stack
BANKSK
Index
stack H
IXHSK
Index
stack M
IXHSK
Index
stack L
IXHSK
Pointer
stack H
RPHSK
Pointer
stack L
RPLSK
Status
stack
PSWSK
Bit
Undefined
Interrupt stack register (INTSK)
Name
Address
0H
1H
2H
3H
4H
5H
INTSK1
INTSK2
INTSK3
INTSK4
Interrupt stack
pointer of
system register
Bit
b2
b3
b0
b1
S
Y
S
S
P
2
0S
Y
S
S
P
0
S
Y
S
S
P
1
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com