Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 138 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 138 Page - NEC

Back Button UPD17708 Datasheet HTML 134Page - NEC UPD17708 Datasheet HTML 135Page - NEC UPD17708 Datasheet HTML 136Page - NEC UPD17708 Datasheet HTML 137Page - NEC UPD17708 Datasheet HTML 138Page - NEC UPD17708 Datasheet HTML 139Page - NEC UPD17708 Datasheet HTML 140Page - NEC UPD17708 Datasheet HTML 141Page - NEC UPD17708 Datasheet HTML 142Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
138
12.6 Accepting Interrupt
12.6.1 Accepting interrupt and priority
The following operations are performed before an interrupt is accepted.
(1) Each peripheral hardware unit outputs an interrupt request signal to the corresponding interrupt request
block if a given interrupt condition (for example, input of the falling signal to the INT0 pin) is satisfied.
(2) When each interrupt request block accepts an interrupt request signal from the corresponding peripheral
hardware unit, it sets the corresponding interrupt request flag (for example, IRQ0 flag if it is the INT0 pin
that has issued the interrupt request) to “1”.
(3) The interrupt enable flag corresponding to each interrupt request flag (for example, IP0 flag if the interrupt
request flag is IRQ0) is set to “1” when each interrupt request flag is set to “1”, and each interrupt request
block outputs “1”.
(4) The signal output by the interrupt request block is ORed with the output of the interrupt enable flip-flop,
and an interrupt accept signal is output.
This interrupt enable flip-flop is set to “1” by the EI instruction, and reset to “0” by the DI instruction.
If “1” is output by each interrupt request processing block while the interrupt enable flip-flop is set to “1”,
the interrupt is accepted.
As shown in Figure 12-1, the output of the interrupt enable flip-flop is input to each interrupt request block
via an AND circuit when an interrupt is accepted.
The signal input to each interrupt request block causes the interrupt request flag corresponding to each
interrupt request flag to be reset to “0” and the vector address corresponding to each interrupt to be output.
If the interrupt request block outputs “1” at this time, the interrupt accept signal is not transferred to the next
stage. If two or more interrupt requests are issued at the same time, therefore, the interrupts are accepted
according to the priority shown in Table 12-2.
Unless the interrupt request enable flag is set to “1”, the corresponding interrupt is not accepted.
Therefore, by resetting the interrupt enable flag to “0”, the interrupt with a high hardware priority can be
disabled.
Table 12-2. Interrupt Priority
Interrupt Source
Priority
Falling edge of CE pin
1
INT0 pin
2
INT1 pin
3
INT2 pin
4
INT3 pin
5
INT4 pin
6
Timer 0
7
Timer 1
8
Timer 2
9
Timer 3
10
Serial interface 0
11
Serial interface 1
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com