Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 173 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 173 Page - NEC

Back Button UPD17708 Datasheet HTML 169Page - NEC UPD17708 Datasheet HTML 170Page - NEC UPD17708 Datasheet HTML 171Page - NEC UPD17708 Datasheet HTML 172Page - NEC UPD17708 Datasheet HTML 173Page - NEC UPD17708 Datasheet HTML 174Page - NEC UPD17708 Datasheet HTML 175Page - NEC UPD17708 Datasheet HTML 176Page - NEC UPD17708 Datasheet HTML 177Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 356 page
background image
173
µPD17704, 17705, 17707, 17708, 17709
13.4.2 Clock selection and start/stop control blocks
The clock selection block selects a basic clock to operate timer 1 counter.
Four types of basic clocks can be selected by using the TM1CK1 and TM1CK0 flags.
The start/stop block starts or stops the basic clock input to timer 1 by using the TM1EN flag.
Figure 13-18 shows the configuration and function of each flag.
13.4.3 Count block
The count block counts the basic clock with timer 1 counter, reads the count value, and issues an interrupt
request when its count value coincides with the value of the timer 1 modulo register.
The timer 1 counter can be reset by the TM1RES flag.
The timer 1 counter is automatically reset when its value coincides with the value of the timer 1 modulo
register.
The value of the timer 1 counter can be read via data buffer.
Data can be written to the value of the timer 1 modulo register via data buffer.
Figure 13-18 shows the configuration of timer 1 counter clock selection register.
Figure 13-19 shows the configuration of the timer 1 counter.
Figure 13-20 shows the configuration of the timer 1 modulo register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com