Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 179 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 179 Page - NEC

Back Button UPD17708 Datasheet HTML 175Page - NEC UPD17708 Datasheet HTML 176Page - NEC UPD17708 Datasheet HTML 177Page - NEC UPD17708 Datasheet HTML 178Page - NEC UPD17708 Datasheet HTML 179Page - NEC UPD17708 Datasheet HTML 180Page - NEC UPD17708 Datasheet HTML 181Page - NEC UPD17708 Datasheet HTML 182Page - NEC UPD17708 Datasheet HTML 183Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 356 page
background image
179
µPD17704, 17705, 17707, 17708, 17709
13.5 Timer 2
13.5.1 Outline of timer 2
Figure 13-21 outlines timer 2.
Timer 2 counts the basic clock (100, 10, 2, or 1 kHz) with an 8-bit counter, and compares the count value
with a value set in advance.
Figure 13-21. Outline of Timer 2
Remarks 1. TM2CK1 and TM2CK0 (bits 1 and 0 of timer 2 counter clock selection register: refer to Figure
13-22) set the basic clock frequency.
2. TM2EN (bit 3 of timer 2 counter clock selection register: refer to Figure 13-22) starts or stops
timer 2.
3. TM2RES (bit 2 of timer 2 counter clock selection register: refer to Figure 13-22) resets timer
2 counter.
Clock selection
4.5 MHz
Start/stop
Timer 2 counter (TM2C)
TM2CK1 flag
TM2CK0 flag
TM2EN flag
Coincidence detection circuit
TM2RES flag
DBF
Timer 2
IRQTM2 flag
Interrupt control
DBF
Timer 2 modulo register
(TM2M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com