Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 186 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 186 Page - NEC

Back Button UPD17708 Datasheet HTML 182Page - NEC UPD17708 Datasheet HTML 183Page - NEC UPD17708 Datasheet HTML 184Page - NEC UPD17708 Datasheet HTML 185Page - NEC UPD17708 Datasheet HTML 186Page - NEC UPD17708 Datasheet HTML 187Page - NEC UPD17708 Datasheet HTML 188Page - NEC UPD17708 Datasheet HTML 189Page - NEC UPD17708 Datasheet HTML 190Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 356 page
background image
µPD17704, 17705, 17707, 17708, 17709
186
13.6 Timer 3
13.6.1 Outline of timer 3
Figure 13-25 outlines timer 3.
Timer 3 counts the basic clock (1.125 MHz or 112.5 kHz selectable) with an 8-bit counter Note, and compares
the count value with a value set in advance.
Because timer 3 is multiplexed with a D/A converter, all the three D/A converter pins are automatically set
in the general-purpose port mode when timer 3 is used.
Note
A 9-bit or 8-bit counter can be selected for the D/A converter, but the 8-bit counter is automatically
selected when the timer function is selected.
Figure 13-25. Outline of Timer 3
Remarks 1. PWMCK (bit 0 of PWM clock selection register: refer to Figure 13-26) selects the output
frequency of timer 3.
2. TM3SEL (bit 3 of timer 3 control register: refer to Figure 13-27) selects timer 3 or D/A converter.
3. TM3EN (bit 1 of timer 3 control register: refer to Figure 13-27) starts or stops counting by timer
3.
4. TM3RES (bit 0 of timer 3 control register: refer to Figure 13-27) controls resetting of timer 3
counter.
Clock selection
4.5 MHz
Start/stop
Timer 3 counter (TM3C)
PWMCK flag
TM3EN flag
TM3SEL flag
Coincidence detection circuit
TM3RES
flag
DBF
IRQTM3 flag
Interrupt control
Timer 3 modulo register
(TM3M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com