Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 211 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 211 Page - NEC

Back Button UPD17708 Datasheet HTML 207Page - NEC UPD17708 Datasheet HTML 208Page - NEC UPD17708 Datasheet HTML 209Page - NEC UPD17708 Datasheet HTML 210Page - NEC UPD17708 Datasheet HTML 211Page - NEC UPD17708 Datasheet HTML 212Page - NEC UPD17708 Datasheet HTML 213Page - NEC UPD17708 Datasheet HTML 214Page - NEC UPD17708 Datasheet HTML 215Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 356 page
background image
211
µPD17704, 17705, 17707, 17708, 17709
15.5 Clock Generation Block
The clock generation block outputs a basic clock to set the duty factor of each output signal.
Two output frequencies, 1.125 MHz and 112.5 kHz, can be selected.
15.6 D/A Converter Output Wave
(1) shows the relationship between the duty factor and output wave.
(2) shows the output wave of each pin. Each output pin has a phase different from the others.
(1) Duty and output wave
(a) With 8-bit counter and 4.4 kHz selected
(b) With 8-bit counter and 440 Hz selected
222 ns
x = 0
x = 1
x = 2
x = 255
667 ns
888 ns
888 ns
227.56
s
µ
2.22 s
x = 0
x = 1
x = 2
x = 255
6.67 s
8.88 s
8.88 s
2.2756 ms
µ
µµ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com