Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 218 Page - NEC

Part # UPD17708
Description  4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
PDF  356 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17708 Datasheet(HTML) 218 Page - NEC

Back Button UPD17708 Datasheet HTML 214Page - NEC UPD17708 Datasheet HTML 215Page - NEC UPD17708 Datasheet HTML 216Page - NEC UPD17708 Datasheet HTML 217Page - NEC UPD17708 Datasheet HTML 218Page - NEC UPD17708 Datasheet HTML 219Page - NEC UPD17708 Datasheet HTML 220Page - NEC UPD17708 Datasheet HTML 221Page - NEC UPD17708 Datasheet HTML 222Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 356 page
background image
218
µPD17704, 17705, 17707, 17708, 17709
Remarks 1.
SIO0CH and SB (bits 3 and 2 of serial I/O0 mode selection register: refer to Figure 16-3) select the
mode of serial I/O0.
2.
SIO0MS (bit 1 of serial I/O0 mode selection register: refer to Figure 16-3) select a master or slave.
3.
SIO0TX (bit 0 of serial I/O0 mode selection register: Figure 16-3) selects reception or transmission.
4.
SIO0CK1 and SIO0CK0 (bits 1 and 0 of serial I/O0 clock selection register: refer to Figure 16-4)
select an internal shift clock frequency.
5.
SIO0WRQ1 and SIO0WRQ0 (bits 1 and 0 of serial I/O0 wait control register: refer to Figure 16-7)
set wait conditions for communication.
6.
SIO0NWT (bit 2 of serial I/O0 wait control register: refer to Figure 16-7) starts communication.
7.
SIO0SF9 and SIO0SF8 (bits 2 and 3 of serial I/O0 status detection register: refer to Figure 16-5)
detect a clock counter.
8.
SBSTT and SBBSY (bits 1 and 0 of serial I/O0 status detection register: refer to Figure 16-5) detect
the start and stop conditions, and clock counter in the I2C bus mode.
9.
SIO0IMD1 and SIO0IMD0 (bits 1 and 0 of serial I/O0 interrupt mode selection register: refer to
Figure 16-9) set interrupt timing.
10.
SBACK (bit 3 of serial I/O0 wait control register: refer to Figure 16-7) reads or sets acknowledge
data.
11.
SIO0WSTT (bit 0 of serial I/O0 wait status judge register: refer to Figure 16-8) detects serial
communication status.
16.2.2 Clock I/O control block and data I/O control block
The clock I/O control block and data I/O control block control the communication mode (I2C bus or serial I/O mode),
the number of pins used (2-wire or 3-wire mode), and transmission or reception operation of serial interface 0.
The 2-wire or 3-wire mode, and I2C bus or serial I/O mode are selected by using the SIO0CH and SB flags.
The SIO0MS flag selects the internal clock (master) or external clock (slave) operation, and the SIO0TX flag selects
reception (RX) or transmission (TX).
Each flag is allocated to the serial I/O0 mode selection register.
Figure 16-3 shows the configuration of the serial I/O0 mode selection register.
Table 16-2 shows the set status of each pin.
As shown in this table, flags that set the input or output mode of each pin must also be manipulated in addition
to the control flags of the serial interface, in order to set each pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com