Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 25Page - Renesas Technology Corp UPD17708 Datasheet HTML 26Page - Renesas Technology Corp UPD17708 Datasheet HTML 27Page - Renesas Technology Corp UPD17708 Datasheet HTML 28Page - Renesas Technology Corp UPD17708 Datasheet HTML 29Page - Renesas Technology Corp UPD17708 Datasheet HTML 30Page - Renesas Technology Corp UPD17708 Datasheet HTML 31Page - Renesas Technology Corp UPD17708 Datasheet HTML 32Page - Renesas Technology Corp UPD17708 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 358 page
background image
27
µPD17704, 17705, 17707, 17708, 17709
2.4.2 Subroutine
(1) Direct subroutine call (“CALL addr”)
The first address of a subroutine that can be called by the direct subroutine instruction is in page 0 of
each segment (addresses 0000H through 07FFH).
(2) Indirect subroutine call (CALL @AR)
The first addresses of a subroutine that can be called by the indirect subroutine call instruction are all
the addresses of the program memory, i.e., addresses 000H through 1FFFH for the
µPD17704,
addresses 0000H through 2FFFH for the
µPD17705, 17707, and 0000H through 3FFFH for the µPD17708
and 17709.
For further information, also refer to 5.3 Address Register (AR).
2.4.3 Table reference
The addresses that can be referenced by the table reference instruction (“MOVT DBF, @AR”) are all the
addresses of the program memory, i.e., addresses 0000H through 1FFFH for the
µPD17704, addresses 0000H
through 2FFFH for the
µPD17705, 17707, and 0000H through 3FFFH for the µPD17708 and 17709.
For further information, also refer to 5.3 Address Register (AR) and 9.2.2 Table reference instruction
(MOVT, DBF, @AR).
2.4.4 System call
The first address of a subroutine that can be called by the system call instruction (“SYSCAL entry”) is the
first 16 steps of each block (block 0 to 7) in page 0 of segment 1 (system segment).
Figure 2-4. Outline of System Call Instruction
Page 1
Page 2
Page 3
Page 0
(16 bits
× 2K steps)
(16 bits
× 8K steps)
Segment 0
Page 1
Page 2
Page 3
(16 bits
× 8K steps)
Segment 1
(system segment)
Block 0
Block 1
Block 2
Block 7
Block 0 of segment 1
Entry address of
SYSCAL instruction
0
0
0
0
0
0
0
0
0
0
1
1
0
1
1
0
7
F
7
F
8
0
8
0
F
F
F
F
0
0
0
0
F
F
F
F
0
0
0
0
H
H
H
H
H
H
H
H
0
0
0
0
0
0
0
0
2
2
3
3
2
3
3
2
7
F
7
F
8
0
8
0
F
F
F
F
0
0
0
0
F
F
F
F
0
0
0
0
H
H
H
H
H
H
H
H
020 F F H
02100 H
021 F F H
02200 H
022 F F H
02700 H
02000 H
0200 F H
Area where entry
address of system
segment can be
specified
.
.
.
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com