Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 9Page - Renesas Technology Corp UPD17708 Datasheet HTML 10Page - Renesas Technology Corp UPD17708 Datasheet HTML 11Page - Renesas Technology Corp UPD17708 Datasheet HTML 12Page - Renesas Technology Corp UPD17708 Datasheet HTML 13Page - Renesas Technology Corp UPD17708 Datasheet HTML 14Page - Renesas Technology Corp UPD17708 Datasheet HTML 15Page - Renesas Technology Corp UPD17708 Datasheet HTML 16Page - Renesas Technology Corp UPD17708 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 358 page
background image
11
µPD17704, 17705, 17707, 17708, 17709
1. PIN FUNCTIONS
1.1 Pin Function List
Pin No.
Symbol
Function
Output Form
1
INT2
Edge-detectable vectored interrupt input pins. Rising or falling edge can be
–
41
INT1
specified.
42
INT0
2
P1A3/INT4
Port 1A multiplexed with external interrupt request signal input and event
–
3
P1A2/INT3
signal input pins.
4
P1A1
• P1A3 through P1A0
5
P1A0/TM0G
• 4-bit input port
• INT4, INT3
• Edge-detectable vectored interrupt
• TM0G
• Input for gate of 8-bit timer 0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
(P1A3 through P1A0)
(P1A3 through P1A0)
6
P3A3
4-bit I/O port.
CMOS
|
|
Can be set in input or output mode in 4-bit units.
push-pull
9
P3A0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
10
P3B3
4-bit I/O port.
CMOS
|
|
Can be set in input or output mode in 4-bit units.
push-pull
13
P3B0
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
14
P2A2
Port 2A multiplexed with external gate counter input pins.
CMOS
15
P2A1/FCG1
• P2A2 through P2A0
push-pull
16
P2A0/FCG0
• 3-bit I/O port
• Can be set in input or output mode in 1-bit units.
• FCG1, FCG0
• Input for external gate counter
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
Retained
Retained
(P2A2 through P2A0)
(P2A2 through P2A0)
(P2A2 through P2A0)
(P2A2 through P2A0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com