Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 10Page - Renesas Technology Corp UPD17708 Datasheet HTML 11Page - Renesas Technology Corp UPD17708 Datasheet HTML 12Page - Renesas Technology Corp UPD17708 Datasheet HTML 13Page - Renesas Technology Corp UPD17708 Datasheet HTML 14Page - Renesas Technology Corp UPD17708 Datasheet HTML 15Page - Renesas Technology Corp UPD17708 Datasheet HTML 16Page - Renesas Technology Corp UPD17708 Datasheet HTML 17Page - Renesas Technology Corp UPD17708 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
12
Pin No.
Symbol
Function
Output Form
17
P1B3
Port 1B multiplexed with D/A converter output pins.
N-ch
18
P1B2/PWM2
• P1B3 through P1B0
open-drain
|
|
• 4-bit output port
(12 V)
20
P1B0/PWM0
• PWM2 through P2M0
• 8- or 9-bit D/A converter output
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Outputs low level
Outputs low level
Retained
Retained
(P1B3 through P1B0)
(P1B3 through P1B0)
(P1B3 through P1B0)
21
GND2
Ground
–
33
GND1
75
GND0
22
P0D3/AD3
Port 0D multiplexed with A/D converter input pins
–
|
|
• P0D3 through P0D0
25
P0D0/AD0
• 4-bit input port
• Can be connected with pull-down resistor in 1-bit units.
• AD3 through AD0
• Analog input of A/D converter with 8-bit resolution
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input with pull-down
Input with pull-down
Retained
Retained
resistor
resistor
(P0D3 through P0D0)
(P0D3 through P0D0)
26
P1C3/AD5
Port 1C multiplexed with A/D converter input and IF counter input pins.
–
27
P1C2/AD4
• P1C3 through P1C0
28
P1C1/AMIFC
• 4-bit input port
29
P1C0/FMIFC
• AD5, AD4
• Analog input to A/D converter with 8-bit resolution
• FMIFC, AMIFC
• Input to frequency counter
At reset
With clock stopped
Power-ON reset
WDT&SP reset
CE reset
Input
Input
• P1C3/AD5,
• P1C3/AD5,
(P1C3 through P1C0)
(P1C3 through P1C0)
P1C2/AD4
P1C2/AD4
retained
retained
• P1C1/AMIFC,
• P1C1/AMIFC,
P1C0/FMIFC
P1C0/FMIFC
input
input
(P1C1, P1C0)
(P1C1, P1C0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com