Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 20Page - Renesas Technology Corp UPD17708 Datasheet HTML 21Page - Renesas Technology Corp UPD17708 Datasheet HTML 22Page - Renesas Technology Corp UPD17708 Datasheet HTML 23Page - Renesas Technology Corp UPD17708 Datasheet HTML 24Page - Renesas Technology Corp UPD17708 Datasheet HTML 25Page - Renesas Technology Corp UPD17708 Datasheet HTML 26Page - Renesas Technology Corp UPD17708 Datasheet HTML 27Page - Renesas Technology Corp UPD17708 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
22
Table 1-1. Connections of Unused Pins (2/2)
Pin Name
I/O Mode
Recommended Connections of Unused Pins
Port pin
P3A3-P3A0
I/ONote 2
Set in general-purpose input port mode by software and
P3B3-P3B0
individually connect to VDD or GND via resistorNote 1.
P3C3-P3C0
P3D3-P3D0
Pins other
CE
Input
Connect to VDD via resistorNote 1.
than port
EO1
Output
Open
pins
EO0
INT0-INT2
Input
Individually connect to GND via resistorNote 1.
RESET
Input
Connect to VDD via resistorNote 1.
TEST
–
Directly connect to GND.
VCOH
Input
Disable PLL via software and open.
VCOL
Notes 1. If a pin is externally pulled up (connected to VDD via resistor) or pulled down (connected to GND
via resistor) with a high resistance, the pin almost enters a high-impedance state, increasing the
current (through-current) consumption of the port. Generally, the resistance of a pull-up or pull-
down resistor is several 10 k
Ω, though it depends on the application circuit.
2. The I/O ports are set in the general-purpose input port mode at power-ON reset, when reset by
the RESET pin, or when reset due to overflow or underflow of the watchdog timer or the stack.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com