Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 85Page - Renesas Technology Corp UPD17708 Datasheet HTML 86Page - Renesas Technology Corp UPD17708 Datasheet HTML 87Page - Renesas Technology Corp UPD17708 Datasheet HTML 88Page - Renesas Technology Corp UPD17708 Datasheet HTML 89Page - Renesas Technology Corp UPD17708 Datasheet HTML 90Page - Renesas Technology Corp UPD17708 Datasheet HTML 91Page - Renesas Technology Corp UPD17708 Datasheet HTML 92Page - Renesas Technology Corp UPD17708 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 358 page
background image
87
µPD17704, 17705, 17707, 17708, 17709
9.2.2 Table reference instruction (“MOVT DBF, @AR”)
This instruction moves the contents of the program memory addressed by the contents of the address register
to the data buffer.
The number of bits transferred by the table reference instruction can be specified by MOVT selection register
(address 07H) of the control registers.
When 8-bit data is transferred, it is read to DBF1 and 0.
When the table reference instruction is used, one stack level is used.
All the addresses of the program memory can be referenced by the table reference instruction.
9.2.3 Peripheral hardware control instructions (“PUT” and “GET”)
The operations of the “PUT” and “GET” instructions are as follows:
(1) GET DBF, p
Reads the data of a peripheral register addressed by “p” to the data buffer.
(2) PUT p, DBF
Sets the data of the data buffer to a peripheral register addressed by “p”.
9.3 Relationships between Peripheral Hardware and Data Buffer
Table 9-1 shows the relationships between the peripheral hardware and the data buffer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com