Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 98 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 98 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 94Page - Renesas Technology Corp UPD17708 Datasheet HTML 95Page - Renesas Technology Corp UPD17708 Datasheet HTML 96Page - Renesas Technology Corp UPD17708 Datasheet HTML 97Page - Renesas Technology Corp UPD17708 Datasheet HTML 98Page - Renesas Technology Corp UPD17708 Datasheet HTML 99Page - Renesas Technology Corp UPD17708 Datasheet HTML 100Page - Renesas Technology Corp UPD17708 Datasheet HTML 101Page - Renesas Technology Corp UPD17708 Datasheet HTML 102Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
96
11. GENERAL-PURPOSE PORT
The general-purpose ports output high-level, low-level, or floating signals to external circuits, and read high-
level or low-level signals from external circuits.
11.1 Outline of General-purpose Port
Table 11-1 shows the relationships between each port and port register.
The general-prupose ports are classified into I/O, input, and output ports.
The I/O ports are further subclassified into bit I/O ports that can be set in the input or output mode in 1-bit
(1-pin) units, and group I/O ports that can be set in the input or output mode in 4-bit (4-pin) units. The inut or
output mode of each I/O port is specified by the port input/output selection registers (addresses 60H through
6FH) of BANK15.
Table 11-1. Relationships between Port (Pin) and Port Register (1/3)
Port
Pin
Data Setting Method
No.
Symbol
I/O
Port register (data memory)
Bank
Address
Symbol
Bit symbol
(reserved word)
Port 0A
63
P0A3
I/O (bit I/O)
BANK0
70H
P0A
b3
P0A3
64
P0A2
b2
P0A2
65
P0A1
b1
P0A1
66
P0A0
b0
P0A0
Port 0B
67
P0B3
I/O (bit I/O)
71H
P0B
b3
P0B3
68
P0B2
b2
P0B2
69
P0B1
b1
P0B1
70
P0B0
b0
P0B0
Port 0C
59
P0C3
I/O (bit I/O)
72H
P0C
b3
P0C3
60
P0C2
b2
P0C2
61
P0C1
b1
P0C1
62
P0C0
b0
P0C0
Port 0D
22
P0D3
Input
73H
P0D
b3
P0D3
23
P0D2
b2
P0D2
24
P0D1
b1
P0D1
25
P0D0
b0
P0D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com