Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 57Page - Renesas Technology Corp UPD17708 Datasheet HTML 58Page - Renesas Technology Corp UPD17708 Datasheet HTML 59Page - Renesas Technology Corp UPD17708 Datasheet HTML 60Page - Renesas Technology Corp UPD17708 Datasheet HTML 61Page - Renesas Technology Corp UPD17708 Datasheet HTML 62Page - Renesas Technology Corp UPD17708 Datasheet HTML 63Page - Renesas Technology Corp UPD17708 Datasheet HTML 64Page - Renesas Technology Corp UPD17708 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 358 page
background image
59
µPD17704, 17705, 17707, 17708, 17709
7.2 Configuration and Function of Each Block
7.2.1 ALU
The ALU performs arithmetic operation, logical operation, bit judgment, comparison, rotation, and transfer
of 4-bit data according to instructions specified by the program.
7.2.2 Temporay registers A and B
Temporary registers A and B temporarily store 4-bit data.
These registers are automatically used when an instruction is executed, and cannot be controlled by program.
7.2.3 Program status word
The program status word controls the operation of and stores the status of the ALU.
For further information on the program status word, also refer to 5.8 Program Status Word (PSWORD).
7.2.4 Decimal adjustment circuit
The decimal adjustment circuit converts the result of an arithmetic operation into a decimal number if the BCD
flag of the program status word is set to “1” during arthmetic operations.
7.2.5 Address control circuit
The address control circuit specifies an address of the data memory.
At this time, address modification by the index register and data memory row address pointer is also
controlled.
7.3 ALU Processing Instruction List
Table 7-1 lists the ALU operations when each instruction is executed.
Table 7-2 shows how data memory addresses are modified by the index register and data memory row
address pointer.
Table 7-3 shows decimal adjustment data when a decimal operation is performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com