Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 68Page - Renesas Technology Corp UPD17708 Datasheet HTML 69Page - Renesas Technology Corp UPD17708 Datasheet HTML 70Page - Renesas Technology Corp UPD17708 Datasheet HTML 71Page - Renesas Technology Corp UPD17708 Datasheet HTML 72Page - Renesas Technology Corp UPD17708 Datasheet HTML 73Page - Renesas Technology Corp UPD17708 Datasheet HTML 74Page - Renesas Technology Corp UPD17708 Datasheet HTML 75Page - Renesas Technology Corp UPD17708 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
70
Table 8-1. Peripheral Hardware Control Functions of Control Registers (1/8)
Peripheral
Control Register
Peripheral Hardware Control Function
At Reset
Clock
Hardware
Name
Address
Read/
Function
Set value
Power- WDT
CE
Stop
Write
Symbol
ON
& SP
reset
01
reset
reset
Stack
Stack pointer
01H
R/W
(SP3)
FFF
Retained
(SP2)
(SP1)
(SP0)
Interrupt stack
08H
R
0
555
Retained
pointer of
(SYSRSP2)
system register
(SYSRSP1)
(SYSRSP0)
Data buffer
04H
R
0
Fixed to “0”
0
0
0
Retained
stack pointer
0
(DBFSP1)
Detects nesting level
(DBFSP0)
of data buffer stack
Stack overflow/
05H
R/W
0
Fixed to “0”
3
Retained Retained Retained
underflow reset
0
selection
ISPRES
Selects interrupt stack
Reset
Reset valid
overflow/underflow reset
prohibited
(can be set only once
following power application)
ASPRES
Selects address stack
overflow/underflow reset
(can be set only once
following power application)
Watchdog Watchdog timer
02H
R/W
0
Fixed to “0”
3
Retained Retained Retained
timer
clock selection
0
WDTCK1
Selects clock of watchdog timer (can be
WDTCK0
set only once following power application)
Watchdog timer
03H
W &
WDTRES
Resets watchdog timer counter
Invalid
Reset if written Undefined Undefined Undefined Undefined
counter reset
Reset 0
Fixed to “0”
0
0
WDT&SP reset
16H
R &
0
01
Retained Retained
status detection
Reset 0
0
WDTCY
Detects resetting of watchdog
No reset
Reset request
timer/stack pointer
request
b3
b2
b1
b0
0011
Level 0
Level 1
Level 2
Level 3
0101
00
1
1
Not 65536
Setting
131072
used instruction prohibited instruction
01
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com