Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 47Page - Renesas Technology Corp UPD17708 Datasheet HTML 48Page - Renesas Technology Corp UPD17708 Datasheet HTML 49Page - Renesas Technology Corp UPD17708 Datasheet HTML 50Page - Renesas Technology Corp UPD17708 Datasheet HTML 51Page - Renesas Technology Corp UPD17708 Datasheet HTML 52Page - Renesas Technology Corp UPD17708 Datasheet HTML 53Page - Renesas Technology Corp UPD17708 Datasheet HTML 54Page - Renesas Technology Corp UPD17708 Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 358 page
background image
49
µPD17704, 17705, 17707, 17708, 17709
5.5 Bank Register (BANK)
5.5.1 Configuration of bank register
Figure 5-5 shows the configuration of the bank register.
As shown in the figure, the bank register consists of 4 bits of system register address 79H (BANK).
Figure 5-5. Configuration of Bank Register
5.5.2 Function of bank register
The bank register specifies a bank of the data memory.
Table 5-1 shows the relationships between the value of the bank register and a bank of the data memory that
is specified.
Because the bank register is one of the system registers, its contents can be rewritten regardless of the bank
currently specified.
When manipulating a bank register, therefore, the status of the bank at that time is irrelevant.
Table 5-1. Data Memory Bank Specification
Note
Do not set BANKs 6 through 14 in the
µPD17704 and 17705, and BANKs 10 through 14 in the
µPD17707 and 17708 because these banks are not provided.
Caution
The area to which the data memory is allocated differs depending on the model. For details,
refer to Figure 4-2 Configuration of Data Memory.
Address
Name
Symbol
Bit
Data
Clock stop
79H
Bank register
(BANK)
BANK
0
0
0
Retained
b3
M
S
B
b2
b1
b0
L
S
B
Power-ON reset
WDT&SP reset
CE reset
Bank Register
(BANK)
Bank of Data
Memory
b3
b2
b1
b0
0
0
0
0
0
0
0
0
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
BANK0
BANK1
BANK2
BANK3
BANK4
BANK5
BANK6Note
BANK7Note
Bank Register
(BANK)
Bank of Data
Memory
b3
b2
b1
b0
1
1
1
1
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
BANK8Note
BANK9Note
BANK10Note
BANK11Note
BANK12Note
BANK13Note
BANK14Note
BANK15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com