Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 50 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 50 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 46Page - Renesas Technology Corp UPD17708 Datasheet HTML 47Page - Renesas Technology Corp UPD17708 Datasheet HTML 48Page - Renesas Technology Corp UPD17708 Datasheet HTML 49Page - Renesas Technology Corp UPD17708 Datasheet HTML 50Page - Renesas Technology Corp UPD17708 Datasheet HTML 51Page - Renesas Technology Corp UPD17708 Datasheet HTML 52Page - Renesas Technology Corp UPD17708 Datasheet HTML 53Page - Renesas Technology Corp UPD17708 Datasheet HTML 54Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
48
5.3.4 Cautions on Using Address Register
Because the address register is configured in 16 bits, it can specify an address up to FFFFH.
However, the program memory exists at addresses 0000H to 1FFFH in the case of
µPD17704, 0000H to
2FFFH in the case of the
µPD17705 and 17707 and 0000H to 3FFFH in the case of the µPD17708 and 17709.
Therefore, the maximum value that can be set to the address register of the
µPD17704 is address 1FFFH.
In the case of the
µPD17705 and 17707, it is address 2FFFH. In the case of the µPD17708 and 17709, it is
address 3FFFH.
5.4 Window Register (WR)
5.4.1 Configuration of window register
Figure 5-4 shows the configuration of the window register.
As shown in the figure, the window register consists of 4 bits of system register address 78H (WR).
Figure 5-4. Configuration of Window Register
5.4.2 Function of window register
The window register is used to transfer data with the register file (RF) to be described later.
Data transfer between the window register and register file is manipulated by using dedicated instructions
“PEEK WR, rf” and “POKE, rf WR” (rf: address of register file).
The following paragraphs (1) and (2) describe the operation of the window register when these instructions
are executed.
For further information, also refer to 8. REGISTER FILE (RF).
(1) “PEEK WR, rf” instruction
When this instruction is executed, the contents of the register file addressed by “rf” are transferred to
the window register.
(2) “POKE rf, WR” instruction
When this instruction is executed, the contents of the window register are transferred to the register file
addressed by “rf”.
Address
Name
Symbol
Bit
Data
Clock stop
78H
Window register
(WR)
WR
Undefined
Retained
b3
M
S
B
b2
b1
b0
L
S
B
Power-ON reset
WDT&SP reset
CE reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com