Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 55 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 55 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 51Page - Renesas Technology Corp UPD17708 Datasheet HTML 52Page - Renesas Technology Corp UPD17708 Datasheet HTML 53Page - Renesas Technology Corp UPD17708 Datasheet HTML 54Page - Renesas Technology Corp UPD17708 Datasheet HTML 55Page - Renesas Technology Corp UPD17708 Datasheet HTML 56Page - Renesas Technology Corp UPD17708 Datasheet HTML 57Page - Renesas Technology Corp UPD17708 Datasheet HTML 58Page - Renesas Technology Corp UPD17708 Datasheet HTML 59Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 358 page
background image
53
µPD17704, 17705, 17707, 17708, 17709
5.7.2 Function of general register pointer
The general register pointer specifies a general register on the data memory.
Figure 5-8 shows the addresses of the general registers specified by the general register pointer.
As shown in the figure, a bank is specified by the high-order 4 bits (RPH: address 7DH) of the general register
pointer, and a row address is specified by the low-order 3 bits (RPL: address 7EH).
Because the valid number of bits of the general register pointer is 7, all the row addresses (0H through 7FH)
of all the banks can be specified as general registers.
For the details of the operation of the general register, refer to 6. GENERAL REGISTER (GR).
Figure 5-8. Address of General Register Specified by General Register Pointer
Remark
The
µPD17704 and 17705 do not have BANKs 6 through 14.
The
µPD17707 and 17708 do not have BANKs 10 through 14.
Caution The area to which the data memory is allocated differs depending on the model. For details,
refer to Figure 4-2 Configuration of Data Memory.
5.7.3 Cautions on using general register pointer
The lowest bit of address 7EH (RPL) of the general register pointer is allocated as the BCD flag of the program
status word.
When rewriting RPL, therefore, pay attention to the value of the BCD flag.
General register pointer
(RP)
RPH
RPL
b3
b2
b1
b0
b3
b2
b1
b0
Specifies row address of each bank
Bank
BANK0
BANK15
Row address
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
Specifies bank
0H
1H
2H
3H
4H
5H
6H
7H
L
S
B
B
C
D
M
S
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com