Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

UPD17708 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # UPD17708
Description  MOS INTEGRATED CIRCUIT
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

UPD17708 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button UPD17708 Datasheet HTML 48Page - Renesas Technology Corp UPD17708 Datasheet HTML 49Page - Renesas Technology Corp UPD17708 Datasheet HTML 50Page - Renesas Technology Corp UPD17708 Datasheet HTML 51Page - Renesas Technology Corp UPD17708 Datasheet HTML 52Page - Renesas Technology Corp UPD17708 Datasheet HTML 53Page - Renesas Technology Corp UPD17708 Datasheet HTML 54Page - Renesas Technology Corp UPD17708 Datasheet HTML 55Page - Renesas Technology Corp UPD17708 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 358 page
background image
µPD17704, 17705, 17707, 17708, 17709
50
5.6 Index Register (IX) and Data Memory Row Address Pointer (MP: memory pointer)
5.6.1 Configuration of index register and data memory row address pointer
Figure 5-6 shows the configuration of the index register and data memory row address pointer.
As shown in the figure, the index register consists of an index register (IX) made up of 11 bits (the low-order
3 bits (IXH) of system register address 7AH, and 7BH and 7CH (IXM, IXL)) and an index enable flag (IXE) at
the lowest bit position of 7FH (PSW).
The data memory row address pointer (memory pointer) consists of a data memory row address pointer (MP)
that is made up of 7 bits of the low-order 3 bits of 7AH (MPH) and 7BH (MPL), and a data memory row address
pointer enable flag (memory pointer enable flag: MPE) at the lowest bit position of 7AH (MPH).
In other words, the high-order 7 bits of the index register are shared with the data memory row address pointer
Figure 5-6. Configuration of Index Register and Data Memory Row Address Pointer
Address
Name
Symbol
Bit
Data
Clock stop
7AH
IXH
MPH
0
0
0
Retained
7BH
Index register (IX)
IXM
MPL
0
0
0
Retained
7CH
IXL
0
0
0
Retained
7EH
7FH
PSW
Memory pointer (MP)
b3
M
P
E
b2
M
S
B
M
S
B
b1
b0
b3
b2
b1
b0
L
S
B
b3
b2
b1
b0
L
S
B
b3
b2
b1
b0
b3
b2
b1
b0
I
X
E
0
0
0
R
Power-ON reset
WDT&SP reset
CE reset
IX
Program status word
(PSWORD)
MP
R: retained



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com